PART |
Description |
Maker |
IDT709079L15PF IDT709079S15PF8 IDT709089S9PF IDT70 |
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 64K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through 32K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through
|
Integrated Device Technology, Inc. IDT
|
IDT7009 IDT7009L15PF IDT7009L15PFI IDT7009L20PF ID |
USBF TV Field Memory Key 2048MB RAM Nickel RoHS Compliant: Yes From old datasheet system HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM 128K x 8 Dual-Port RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT709389L IDT709389L7PF IDT709389L12PF IDT709389L |
64K x 18 Sync, Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM x18 Dual-Port SRAM
|
IDT
|
CY7C008V05 CY7C008V CY7C018V-15AC CY7C018V-20AC CY |
3.3V 64K/128K x 8/9 Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 20 ns, PQFP100 3.3V 64K/128K x 8/9 Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 64K X 8 DUAL-PORT SRAM, 15 ns, PQFP100 PLASTIC, TQFP-100 3.3V 128Kx8 Dual-Port Static RAM(3.3V 128Kx 8 位双端口静态RAM) 3.3V 64K/128K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
IDT70V261L IDT70V261L25PF IDT70V261L25PFI IDT70V26 |
DUAL PORT RAM 16K X 16-BIT 25 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高.3 16K的16 DUAL-PORT静态RAM HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高3.3 16K的16 DUAL-PORT静态RAM 16K x 16 3.3V Dual-Port RAM w/Int
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT70T9169L 70T9169_DS_34849 IDT70T9159L IDT70T916 |
8K x 9 Sync,2.5V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
IDT70V9189L9PFI IDT70V9179L12PFI IDT70V9179L6PFI I |
64K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
IDT7025 IDT7025L15PFG |
8K x 16 Dual-Port RAM HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
|
Integrated Device Technology, Inc. Integrated Device Techn...
|
IDT7035L IDT7035PF IDT7035S IDT7035SL IDT7035L15PF |
8K x 18 Dual-Port RAM HIGH-SPEED 8K X 18 DUAL-PORT STATIC RAM
|
IDT Integrated Device Technology
|